PART |
Description |
Maker |
CAT3200ZI-GT3 CAT3200ZI-T3 |
Low Noise Regulated Charge Pump DC-DC Converter
|
ON Semiconductor
|
LTC3200EMS8 LTC3200ES6-5 LTC3200-5 LTC3200 |
Low Noise, Regulated Charge Pump DC/DC Converters
|
LINER[Linear Technology]
|
L5200L-50-AH6-R L5200-15 L5200L-45-AG6-R |
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
|
Unisonic Technologies
|
CAT3200 CAT3200ZI-GT3 CAT3200TDI-GT3 |
Low Noise Regulated Charge Pump DC-DC Converter DC-DC, 2x Charge Pump, Vadj -100 mA 0.2 A SWITCHED CAPACITOR REGULATOR, 2600 kHz SWITCHING FREQ-MAX, PDSO8
|
Rectron Semiconductor
|
MCP1252-ADJI/MS |
Low Noise, Positive-Regulated Charge Pump 低噪声,正调节电荷泵
|
Microchip Technology Inc. Microchip Technology, Inc.
|
LTC3204-5 LTC3204-3.3 3204F |
Low Noise Regulated Charge Pump in 2 × 2 DFN From old datasheet system
|
linear
|
PLRF15D PLRC9S PLRB24D PLRC48S PLRE9S PLRC5D PLRC9 |
10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Analog IC Micropower, Regulated 5V Charge Pump DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Software-Selectable Multiprotocol Transceiver with Termination; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Active RC, 4th Order Lowpass Filter Family; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 模拟IC Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 模拟IC Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
ITT, Corp. AVX, Corp.
|
TPS60200-15 |
<font color=red>[Old version datasheet]</font> REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
|
TI store
|
TPS60205DGSG4 TPS60205DGSRG4 |
<font color=red>[Old version datasheet]</font> REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
|
TI store
|
LTC1551 LTC1550 LTC1551CS8-4.1 LTC1550IGN LTC1550C |
From old datasheet system Low Noise/ Switched Capacitor Regulated Voltage Inverters Low Noise, Switched Capacitor Regulated Voltage Inverters
|
LINER[Linear Technology] Linear Technology Corporation
|
LTC1517CS5-3.3 15173F LTC1517-3.3 |
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package SWITCHED CAPACITOR REGULATOR, 700 kHz SWITCHING FREQ-MAX, PDSO5 From old datasheet system Micropower/ Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
|
Linear Technology, Corp.
|